PART |
Description |
Maker |
14-44-5324 14-44-5312 14-44-5319 14-44-2906 14-44- |
SL IDT Opt D Male 22AWG 15 SAu 24Ckt 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 12Ckt 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 6Ckt 6 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 21Ckt 21 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 5Ckt 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 25Ckt SL IDT Opt D Male 28AWG 15 SAu 7Ckt SL IDT Opt D Male 22AWG 15 SAu 15Ckt SL IDT Opt D Male 22AWG 15 SAu 9Ckt 25 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
14-56-3124 14-56-3024 14-56-3174 14-56-3224 14-56- |
CGrid SL IDT Opt D 15 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 2Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Connector Housing; Gender:Female; Number of Contacts:22; Series:70400; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Insulation Displacement; Contact Current:3A; Contact Plating:Gold CGrid SL IDT Opt D 15 SAu 4Ckt
|
Molex, Inc. MOLEX INC
|
15-47-4240 15-47-4130 15-47-4174 15-47-4050 15-38- |
SL FFC/FPC Opt A Female 15 SAu 24Ckt 24 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 30 SAu 17Ckt 17 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 15 SAu 5Ckt SL FFC/FPC Opt A Female Tin 13Ckt
|
Molex, Inc. MOLEX INC
|
15-38-8227 15-47-4151 15-38-8077 15-38-8217 |
SL FFC/FPC Opt C Female Tin 22Ckt 22 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female 15 SAu 15Ckt 15 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female Tin 21Ckt
|
Molex, Inc. MOLEX INC
|
14-60-0173 14-60-0073 14-60-0053 14-60-0213 14-60- |
SL IDT Opt A Female 26AWG Tin 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 21Ckt 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
14-56-3125 14-56-3055 14-56-3165 |
100 SL Assy Single Row 15 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 16ckt
|
Molex, Inc. MOLEX INC
|
MACP-010250-C808A0 MACP-010250-C808TB MACP-010250- |
Coupler 8dB 5 MHz - 1200 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX ROHS COMPLIANT, SURFACE MOUNT PACKAGE-5
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
SN8P04XX |
OPT ROM:4096 16bits / RAM:128 8bits
|
SONiX Technology Company
|
14-56-2092 |
CGrid SL IDT Opt G 15 SAu 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
DC15-73LF |
Directional Coupler 1.42-1.66 GHz 1420 MHz - 1660 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
|